PART |
Description |
Maker |
AP7335-WG-7 |
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
|
Diodes
|
AP133-WG-7 AP133 AP133-SN AP133-SNG-7 AP133-SN-W |
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
|
DIODES[Diodes Incorporated]
|
AP7332-1233FM-7 AP7332-1233W6-7 AP7332-1218W6-7 AP |
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
|
Diodes Incorporated
|
MAX5023 MAX5023ASA MAX5023-MAX5024 MAX5024 MAX5024 |
65V, Low-Quiescent-Current, High-Voltage Linear Regulators with µP Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with μP Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with P Reset and Watchdog Timer " 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with ?P Reset and Watchdog Timer" 65V Low-Quiescent-Current High-Voltage Linear Regulators with P Reset and Watchdog Timer 65V / Low-Quiescent-Current / High-Voltage Linear Regulators with P Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with レP Reset and Watchdog Timer 65V、低静态电流、高压线性稳压器,带有微处理器复位及看门狗定时器 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with µP Reset and Watchdog Timer FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO8 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with ?? Reset and Watchdog Timer
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
NX8570SC803-BA NX8570SC997-BA NX8570 NX8570SC303-B |
DIODE ZENER SINGLE 500mW 43Vz 5mA-Izt 0.02 0.05uA-Ir 33 SOD-123 3K/REEL Single Output LDO, 100mA, Fixed(1.8V), Low Quiescent Current, Over Current Limitation 5-SOT-23 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 100mA, Fixed(1.2V), Low Quiescent Current, Over Current Limitation 5-SOT-23 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Dual-Output Low-Dropout (LDO) Voltage Regulators 28-HTSSOP 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Automotive Catalog Ultralow-Power 100-mA Low-Dropout Linear Regulator 5-SOT-23 -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 CONVERTER DC-DC 10W 12V/15V SGL 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(1.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Enhanced Product Fast-Transient-Response 1-A Low-Dropout Voltage Regulators 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 CURRENT LIMITER INRSH 10 OHM 20% 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 H8/SLP Series, 38799 Group, 4-ch 14-bit PWM, 2-ch 16-bit TPU, 16-bit AEC, RTC FP-100U; Vcc= 1.8 to 3.6 volts, Temp= -20 to 75 C; Package: PLQP0100KB-A 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Indicator Lamp; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 H8/Tiny Series, 36024 Group, WDTO TNP-48; Vcc= 3.0 to 5.5 volts, Temp= -20 to 75 C; Package: PVQN0048KA-A 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(2.8V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 PTCE 4C 4#20 PIN PLUG TVS BI-DIR 27V 1500W DO-201 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:39; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-39 Single Output LDO, 1.0A, Fixed(2.7V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 Single Output LDO, 100mA, Fixed(2.5V), Low Quiescent Current, Over Current Limitation 5-SOT-23 Single Output LDO, 1.0A, Fixed(5.0V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 MICRO HDW M2 RoHS Compliant: No Single Output LDO, 1.0A, Fixed(2.7V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 CABLE 18/4 STR BC CMR GRY PTSE 15C 1#16,14#20 PIN PLUG RoHS Compliant: No Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 PTSE 18C 18#20 PIN RECP Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Fixed(3.0V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 Automotive Catalog Fast Transient-Response 1-A Low-Dropout Voltage Regulators 20-HTSSOP -40 to 125 Automotive Catalog Dual-Output Low-Dropout Voltage Regulators 28-HTSSOP -40 to 125 CONVERTER DC-DC 10W 24V/12V SGL CONVERTER DC-DC 10W 12V/5V SGL Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Quiescent Current, Over Current Limitation 5-SOT-23 Single Output LDO, 1.0A, Fixed(3.0V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Fixed(5.0V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 CONNECTOR ACCESSORY Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125
|
California Eastern Laboratories, Inc. 线性稳 http:// CEL[California Eastern Labs]
|
AP7312-1233W6-7 AP7312-1525W6-7 AP7312-1828W6-7 AP |
DUAL 150mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
|
Diodes Dialight Corporation
|
LTC1474 LTC1474CMS8PBF LTC1474CS8-3.3PBF LTC1474CS |
Low Quiescent Current High Efficiency Step-DownConverters 0.75 A SWITCHING REGULATOR, PDSO8 Low Quiescent Current High Efficiency Step-DownConverters 0.75 A SWITCHING REGULATOR, 0.75 kHz SWITCHING FREQ-MAX, PDSO8 Low Quiescent CurrentHigh Efficiency Step-DownConverters
|
Linear Technology, Corp.
|
LD39050PU105R LD39050PU10R LD39050PU12R LD39050PU1 |
FIXED POSITIVE LDO REGULATOR, PDSO6 500 mA low quiescent current low noise voltage regulator 500 mA low quiescent current low noise voltage regulator
|
STMicroelectronics
|
ST16R820 |
Voltage Regulator IC; Output Current:300mA; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V; Output Voltage Min:1.5V 智能卡有544字节的EEPROM非接联系MCU应用 Smartcard MCU With 544 Bytes EEPROM for Contactless/Contact Applications
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
TPS79901-EP-18 |
<font color=red>[Old version datasheet]</font> 200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
|
TI store
|
AX6648 |
100mA Ultra-Low Quiescent Current Low Dropout Regulator
|
AXElite
|
LD39115J30R LD39115J33R LD39115JXX15 LD39115JXX25 |
150 mA low quiescent current low noise voltage regulator
|
STMicroelectronics
|
|